Part Number Hot Search : 
855832 M38264E3 PESB28 01089 MM3ZB16 NSF8KT MAX971 LND150N3
Product Description
Full Text Search
 

To Download LSF850C1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LSF850C1
Infrared Emitting Diode
2.ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25) CONDITIONS ITEM SYMBOL IF=20mA Power Output PO IF=20mA Forward Voltage VF VR=5V Reverse Current IR Peak Wavelength p IF=20mA Spectral Line Half Width IF=20mA IF=20mA Half Intensity Beam Angle MIN TYP 8.0 1.4 850 30 25 MAX 1.9 100 UNIT mW V A nm nm deg.
FORWARD I-V CHARACTERISTICS 60 RELATIVE POWER OUTPUT(%) 50 40 30 20 10 0 0 1 2 3 FORWARD VOLTAGE(V) 250
RELATIVE POWER vs FORWARD CURRENT
FORWARD CURRENT(mA)
200
150
High-output Power Compact High Reliability APPLICATIONS Optical Switches Optical Sensors FEATURES
Anode Cathode Dimensions (Unit:mm)
100
50
0 0 10 20 30 40 50 60 FORWARD CURRENT(mA)
SPECTRAL OUTPUT 120 120 100
RADIATION PATTERN 80 70 FORWARD CURRENT(mA) 60 50 40 30 20 10 0 -30
THERMAL DERATING CURVE
1. ABSOLUTE MAXIMUM RATINGS (Ta=25) ITEM RATINGS SYMBOL Forward Current (DC) 60 IF Forward Current (Pulse)*1 0.5 IFP 5 Reverse Voltage VR 100 Power Dissipation PD Operating Temp. Topr -20 TO 85 Storage Temp. Tstg -30 TO 100 Junction Temp. 100 Tj Lead Soldering Temp.*2 260 Tls *1:Tw=10uS,T=10mS *2:Time 5 Sec max,Position:Up to 3mm from the body
UNIT mA A V mW
100 RELATIVE POWER OUTPUT(%)
RELATIVE POWER OUTPUT(%)
80 60 40 20 0 -90
80
60
40
20
-60
-30
0
30
60
90
0
30
60
90
BEAM ANGLE(deg.) 0 750 850 WAVELENGTH(nm) 950
AMBIENT TEMPERATURE()
To purchase this part contact Marktech Optoelectronics at
OPTRANS
800.984.5337
Marktech Optoelectronics
www.marktechopto.com
2008/6/9


▲Up To Search▲   

 
Price & Availability of LSF850C1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X